Part Number Hot Search : 
BCR141 IRFU3 DG506AAK 0160201 BLF278 MAX4580 P6KE10CA BY399
Product Description
Full Text Search
 

To Download TSC1141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com 10/100 BASE-TX TRANSFORMER MODULES Page : 1/1 P/N: TSC1141 DATE SHEET
Feature Approved for use with the Broadcom BCM5226and Level One LXT9784. Compliant with IEEE 802.3u and ANSI X3.263 standards including 350 H OCL with 8 mA bias Designed for reflow soldering at temperatures up to 235C Operating Temperature range: 0C to +70C. Storage temperature range: -25C to +125C. Electrical Specifications @ 25C
Part Number TSC1141 Turns Ratio (5%) TX 1:1 RX 1:1 OCL (uH Min) @ 100KHz/0.1Vrms with 8mA/DC Bias 350 HI-POT (Vrms) 1500 Insertion Loss (dB Max) 0.3-100 MHz -1.0
Continue
Part Number 2-30MHz TSC1141 -18 Return Loss (dB Min) 40MHz -14.4 50MHz 60-80MHz -13.1 -12 1KHz -65 Cross talk (dB Min) 30MHz -50 60MHz -40 100MHz -35 Differential to Common Mode Rejection TX/RX(dB Min) 1-60MHz -40 60-200MHz -35
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 A1(02/06)


▲Up To Search▲   

 
Price & Availability of TSC1141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X